|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
CHINA SEMICONDUCTOR CORPORATION Spec. No. Rev. PS-ND-0710 A PRODUCT SPECIFICATION Model No CSS-2318VM9/2319VM9 Descriptions: 3/4 Inch Single Digit Display Emitting Color Super Bright Orange & Super Bright Green CUSTOMER APPROVED SIGNATURES APPROVED BY CHECKED BY PREPARED BY CHINA SEMICONDUCTOR CORPORATION Address:2FL. NO.909,Chung-Cheng Road, Chung-Ho City Taipei Hsien,Taiwan. Tel:886-2-2223-9696 Fax:886-2-2223-9377 OPTO PLUS TECHNOLOGIES CO.,LTD Address:696 Shun jiang Rd.,Ji Shan St.Shaoxing, ZheJiang,China Tel:86-0575-88623888 Fax:86-0575-88623112 http://www.csctw.com.tw CHINA SEMICONDUCTOR CORPORATION Model No CSS-2318VM9/2319VM9 Spec. No. Rev. PS-ND-0710 A Features 1. 2.3 inch (56.8mm) digit height. 2. Case mold type. 3. RoHS compliant. 4. Low power consumption. 5. Easy mounting on P.C. board or socket. Device Selection Guide Chip Material AIGaInP AIGaInP AIGaInP AIGaInP Emitted Color Super-Bright Orange Super-Bright Green Super-Bright Orange Super-Bright Green Part No. Description CSS-2318VM9 Common Anode CSS-2319VM9 Common Cathode Mechanical Dimensions - http://www.csctw.com.tw Page 1/7 CHINA SEMICONDUCTOR CORPORATION Model No CSS-2318VM9/2319VM9 Spec. No. Rev. PS-ND-0710 A Internal Circuit Diagrams - CSS-2318 Common Anode (CSS-2319 Common Cathode.) http://www.csctw.com.tw Page 2/7 CHINA SEMICONDUCTOR CORPORATION Model No CSS-2318VM9/2319VM9 Spec. No. Rev. PS-ND-0710 A Absolute Maximum Rating (Ta=25 ) Parameter Symbol Power Dissipation Per Dice Pd Continuous Forward Current Per Dice IAF Peak Current Per Dice IPF Reverse Voltage Per Dice Operating Temperature Storage Temperature VR Topr Tstg Super-Bright Orange 70 25 90 5 -35 ~ +85 -35 ~ +85 Unit mW mA mA V Solder emperature 1/16 inch below seating plane for 3 seconds at 260 Electro-optical Characteristics (Ta=25 ) Parameter Forward Voltage Per Segment (DP) Luminous Intensity Per Dot Peak Emission Wavelength Spectrum Radiation Bandwidth Reverse Current Luminous Intensity Matching Ratio Symbol VF Iv P Min. - Typ. Max. Unit V mcd nm nm A Condition IF=20mA IF=10mA IF=20mA IF=20mA VR=16V IF=20mA 8.0(2.0) 11.2(2.8) 70 632 20 100 2:1 IR IV-m - http://www.csctw.com.tw Page 3/7 CHINA SEMICONDUCTOR CORPORATION Model No CSS-2318VM9/2319VM9 Spec. No. Rev. PS-ND-0710 A Absolute Maximum Rating (Ta=25 ) Parameter Power Dissipation Per Dice Continuous Forward Current Per Dice Peak Current Per Dice Reverse Voltage Per Dice Operating Temperature Storage Temperature Symbol Pd IAF IPF VR Topr Tstg Super-Bright Green 70 25 90 5 -35 ~ +85 -35 ~ +85 Unit mW mA mA V Solder emperature 1/16 inch below seating plane for 3 seconds at 260 Electro-optical Characteristics (Ta=25 ) Parameter Forward Voltage Per Segment (DP) Luminous Intensity Per Dot Peak Emission Wavelength Spectrum Radiation Bandwidth Reverse Current Luminous Intensity Matching Ratio Symbol VF Iv P Min. - Typ. Max. Unit V mcd nm nm A Condition IF=20mA IF=10mA IF=20mA IF=20mA VR=16V IF=20mA 8.4(2.1) 11.2(2.8) 40 570 20 100 2:1 IR IV-m - http://www.csctw.com.tw Page 4/7 CHINA SEMICONDUCTOR CORPORATION Model No CSS-2318VM9/2319VM9 Spec. No. Rev. PS-ND-0710 A Typical Electrical / Optical Charateristics Curves -Orange (Ta = 25 Unless Otherwise Noted) http://www.csctw.com.tw Page 5/7 CHINA SEMICONDUCTOR CORPORATION Model No CSS-2318VM9/2319VM9 Spec. No. Rev. PS-ND-0710 A Typical Electrical / Optical Charateristics Curves -Yellow-Green (Ta = 25 Unless Otherwise Noted) http://www.csctw.com.tw Page 6/7 CHINA SEMICONDUCTOR CORPORATION Model No CSS-2318VM9/2319VM9 Spec. No. Rev. PS-ND-0710 A Note: The specifications are subject to change without notice. Please contact us for updated information. http://www.csctw.com.tw Page 7/7 |
Price & Availability of CSS-2319VM9 |